Part Number Hot Search : 
MT90528 D4069UBC ADP2301 E006914 D882S KN3905S PCA9554A 1SMC15A
Product Description
Full Text Search
 

To Download TS1117BCSRLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts1117b 1 a low dropout positive voltage regulator 1/9 version: c 07 to - 252 sot - 223 to - 220 sop - 8 general description ts1117 b are high performance positive voltage regulators are designed for use in applications requiring low dropout perform ance at full rated current, additionally, ts1117 b provides excellent regulation over variations due to changes in line, load and temperature. outstanding features include low dropout performance at rated current, fast transient response, i nternal current l imiting and thermal shutdown protection of the output device. ts 1117b are three terminal regulators with fixed and adjustable vo lt age options available in popular packages . features low dropout performance 1.5v max. fill current rating over line and temperature fast transient response ?% total output regula tion over line, load and temperature adjust pin current max 90ua over temperature line regulation typical 0.015% load regulation typical 0.05% fixed / adjustable output voltage ordering informatio n part no. package packing ts1117bcz xx c0 to - 220 5 0pcs / tube ts1117bcp xx ro to - 252 2.5kpcs / 13 reel ts1117bcw xx rp sot - 223 2.5kpcs / 13 reel ts1117bcs xx rl sop - 8 2.5kpcs / 13 reel ts1117bcz xx c0 g to - 220 50pcs / tube ts1117bcp xx rog to - 252 2.5kpcs / 13 reel ts1117bcw xx rpg sot - 223 2.5kpcs / 13 reel ts1117bcs xx rlg sop - 8 2.5kpcs / 13 reel note: where xx denotes voltage option, available are 5.0v, 3.3v, 2.5v, 1.8v and 1.2v . leave blank for adjustable version. g denotes halogen free products typical applicati on circuit fixed output voltage version v out = v ref (1+r2/r1) + i adj r2 adjustable output voltage version block diagram pin definition : 1. fixed / adj 2. output (tab) 3. input pin definition : 1. fixed / adj 8. n/c 2. output 7. output 3. output 6. output 4. input 5 . n/c
ts1117b 1 a low dropout positive voltage regulator 2/9 version: c 07 absolute maximum rating (note 1) parameter symbol limit unit input supply volta ge v in 15 v recommend operation input supply voltage v in (opr. typ.) 12 v power dissipation (note 2) p d internal limited t o - 220 80 to - 252 105 sot - 223 130 thermal resistance junction to ambient sop - 8 ? ja 160 o c/w operating temperature range t oper 0 ~ +125 junction temperature range t j +150 storage temperature range t stg - 65 ~ +150 o c to - 220 10 to - 252 / sot - 22 3 5 lead soldering temperature (260 o c) sop - 8 2 s electrical specification ( ta = 25 o c, unless otherwise specified. ) parameter conditions min typ max u nit reference voltage v in = 2.75, io= 1 a 1.225 1.25 1.275 v v in = 2.7v~12v, io= 1a 1.176 1.2 1.224 v v in = 3v~12v, io= 1a 1.470 1.5 1.530 v v in = 3.3v~12v, io= 1a 1.764 1.8 1.836 v v in = 4v~12v, io= 1a 2.450 2.5 2.550 v v in = 4.8v~12v, io= 1a 3.235 3.3 3.366 v output voltage (note 4) v in = 6.5v~12v, io= 1a 4.900 5.0 5.100 v line regulation vo+1 .5 v v in 12v, io= 10ma -- 0.2 0.5 % load regulation (note 1,2) v in = v out +1.5v , io = 10ma~ 1a -- 0.05 1.0 % dropout voltage i o = 1a , ? v out = 1% v out -- 1.3 1.5 v quiescent current v in = 5v -- 5 1 0 m a adjustable pin current -- 90 -- ua output curre nt limit v in - v out = 3v 1.1 -- -- a temperature stability io=10ma, -- 0.5 -- % ripple rejection f= 120hz, io= 1a , c out =25uf, v in = vout+3v -- 60 70 db note 1 : see thermal regulation specification for changes in output voltage due to heating eff ects. line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. load regulation is measured at the output lead = 1/18 from the package. note 2: line and load regulation are guaranteed up to the maximum powe r dissipation of 15w. power dissipation is determined by the input / output voltage difference and the output current. guaranteed maximum power dissipation will not be available over the full input / output voltage range. note 3 : quiescent current is defi ned as the minimum output current required to maintain the regulation. note 4 : the output capacitor does not have a theoretical upper limit and increasing its value will increase stability c out =100uf or more is typical for high current regu lator design.
ts1117b 1 a low dropout positive voltage regulator 3/9 version: c 07 electrical characteristics curve figure 1. vdrop vs. output current figure 2. vout change vs. temperature figure 3. adjust pin current vs. temperature figure 4. iq change vs. temperature figure 5. output short circuit current v s. differential voltage figure 5. output short circuit current vs. temperature
ts1117b 1 a low dropout positive voltage regulator 4/9 version: c 07 application information f igure 6 d 2 pak thermal resistance and maximum power dissipation vs. p.c.b copper length f igure 7 dpak thermal resistance and maximum power dissipation vs. p.c.b copper length f igure 8 sot - 223 thermal resistance and maximum power dissipation vs. p.c.b copper length
ts1117b 1 a low dropout positive voltage regulator 5/9 version: c 07 to - 220 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may , f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = output voltage ( 1.2 =1.2v, 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) to - 220 dimension millimeters inches dim min max min max a 10.000 10.500 0.394 0.413 b 3.240 4.440 0.128 0.175 c 2.440 2.940 0.096 0.116 d - 6.350 - 0.250 e 0.381 1.106 0.015 0.040 f 2.345 2.715 0.092 0.058 g 4.690 5.430 0.092 0.107 h 12 .700 14.732 0.500 0.581 i 8.382 9.017 0.330 0.355 j 14.224 16.510 0.560 0.650 k 3.556 4.826 0.140 0.190 l 0.508 1.397 0.020 0.055 m 27.700 29.620 1.060 1.230 n 2.032 2.921 0.080 0.115 o 0.255 0.610 0.010 0.024 p 5.842 6.858 0.230 0.270
ts1117b 1 a low dropout positive voltage regulator 6/9 version: c 07 to - 252 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan , p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = output voltage ( 1.2 =1.2v, 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) to - 2 52 di mension millimeters inches dim min max min max a 2.3bsc 0.09bsc a1 4.6bsc 0.18bsc b 6.80 7.20 0.268 0.283 c 5.40 5.60 0.213 0.220 d 6.40 6.65 0.252 0.262 e 2.20 2.40 0.087 0.094 f 0.00 0.20 0.000 0.008 g 5.20 5.40 0.205 0.213 g1 0.75 0.85 0.030 0.033 g2 0.55 0.65 0.022 0.026 h 0.35 0.65 0.014 0.026 i 0.90 1.50 0.035 0.059 j 2.20 2.80 0.087 0.110 k 0.50 1.10 0.020 0.043 l 0.90 1.50 0.035 0.059 m 1.30 1.70 0.051 0.67
ts1117b 1 a low dropout positive voltage regulator 7/9 version: c 07 sot - 223 mechanical drawing marking diagram y = year co de m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = output voltage ( 1.2 =1.2v, 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) sot - 223 dim ension millimeters inches dim min max min max a 6.350 6. 850 0.250 0.270 b 2.900 3.100 0.114 0.122 c 3.450 3.750 0.136 0.148 d 0.595 0.635 0.023 0.025 e 4.550 4.650 0.179 0.183 f 2.250 2.350 0.088 0.093 g 0.835 1.035 0.032 0.041 h 6.700 7.300 0.263 0.287 i 0.250 0.355 0.010 0.014 j 10  16  10  16  k 1. 550 1.800 0.061 0.071
ts1117b 1 a low dropout positive voltage regulator 8/9 version: c 07 sop - 8 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct , k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code xx = output voltage ( 1.2 =1.2v, 1.5 =1.5v, 1.8 =1.8v, 2.5 =2.5v, 3.3 =3.3v, 5.0 =5v) sop - 8 dimension millimeters inches dim min max min max. a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27bsc 0.05bsc k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019
ts1117b 1 a low dropout positive voltage regulator 9/9 version: c 07 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tsc? terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life - saving, or life - sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for an y damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of TS1117BCSRLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X